PART |
Description |
Maker |
M2764A M2764A-2F1 M2764A-3F1 M2764AF1 M27256F6 M27 |
NMOS 64K 8K x 8 UV EPROM NMOS4KK的8紫外线存储器 NMOS 256K 32K x 8 UV EPROM NMOS 64K (8K x 8) UV EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] N.A. ST Microelectronics
|
HN27128AP-20 |
16K x 8 nMOS EPROM Memory
|
Hitachi Semiconductor
|
CY27C256 CY27C256-120 CY27C256-120JC CY27C256-120P |
32K x 8-Bit CMOS EPROM 32K X 8 UVPROM, 55 ns, CDIP28 32K x 8-Bit CMOS EPROM 32K X 8 OTPROM, 150 ns, PDSO32 CONN PLUG HOUSING HA SIZE2 UPPER
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HN27C256AG-10 |
32K x 8 CMOS EPROM Memory
|
Hitachi Semiconductor
|
M27C256B M27C256B-10B1TR M27C256B-10B1X M27C256B-1 |
32K X 8 OTPROM, 150 ns, PQCC32 32K X 8 UVPROM, 60 ns, CDIP28 32K X 8 UVPROM, 150 ns, CDIP28 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM From old datasheet system
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
WS57C256F WS57C256F-35 WS57C256F-35C WS57C256F-35D |
-WS57C256F MILITARY HIGH SPEED 32K X 8 CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28 HIGH SPEED 32K x 8 CMOS EPROM 高2K的8的CMOS存储
|
SGS Thomson Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M2716 |
NND - NMOS 16 KBIT (2KB X8) UV EPROM
|
ST Microelectronics
|
CY7C1020B CY7C1020B-12VC CY7C1020B-12ZC CY7C1020B- |
32K x 16 Static RAM 32K X 16 STANDARD SRAM, 15 ns, PDSO44 Memory : Async SRAMs
|
CYPRESS SEMICONDUCTOR CORP Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor] http://
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
SL74HC652 HC652 SL74HC652N SL74HC652D |
EPROM IC; Memory Size:128Kbit; Memory Configuration:16K x 8; Access Time, Tacc:250ns; Package/Case:28-DIP; EPROM Type:Parallel UV Erasable; Supply Voltage Nom, Vcc:5V; Mounting Type:Through Hole; Voltage Rating:5V Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
AT27C516 AT27C516-10 AT27C516-10JC AT27C516-10JI A |
Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85 32K X 16 OTPROM, 45 ns, PDSO40 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 85 32K X 16 OTPROM, 55 ns, PQCC44 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-TVSOP -40 to 85 32K X 16 OTPROM, 55 ns, PDSO40 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-PDIP -40 to 85 12k 32K的16检察官办公室的CMOS存储 512K 32K x 16 OTP CMOS EPROM 32K X 16 OTPROM, 85 ns, PQCC44 ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SO -40 to 85
|
Cypress Semiconductor, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|